Part Number Hot Search : 
BTA1664 LUY12W S8004 CAT93C46 2SB1197 1N5416 ON1064 93022A
Product Description
Full Text Search
 

To Download SR2100-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr220 ? sr2100 1 of 4 ? 2006 won-top electronics pb sr220 ? sr2100 2.0a schottky barrier diode features ! schottky barrier chip ! guard ring die construction for transient protection ! high current capability a b a ! low power loss, high efficiency ! high surge current capability ! for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications c  d mechanical data ! case: do-15, molded plastic ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 0.40 grams (approx.) ! mounting position: any ! marking: type number ! lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 4 maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol sr220 sr230 sr240 sr250 sr260 sr280 sr2100 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 80 100 v rms reverse voltage v r(rms) 14 21 28 35 42 56 70 v average rectified output current @t l = 100c (note 1) i o 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a forward voltage @i f = 2.0a v fm 0.50 0.70 0.85 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 0.5 10 ma typical junction capacitance (note 2) c j 170 140 pf typical thermal resistance (note 1) r  ja 35 c/w operating and storage temperature range t j , t stg -65 to +150 c note: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. wte power semiconductors do-15 dim min max a 25.4 ? b 5.50 7.62 c 0.71 0.864 d 2.60 3.60 all dimensions in mm
sr220 ? sr2100 2 of 4 ? 2006 won-top electronics   0 10 20 30 40 5 0 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fig. 3 max non-repetitive peak fwd surge current single half-sine-wave (jedec method) t = 100 c j 10 100 1000 0.1 110 100 c , capacitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r f=1.0mhz t = 25 c j 0 20 40 60 80 100 120 140 i , ins t an t aneou s revers e curren t (ma) r percent of rated peak reverse voltage (%) fig. 5 typical reverse characteristics t = 100 c j t = 75 c j t = 25 c j 100 10 1.0 0.1 0.01 1k 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f 100 s r 2 2 0 - s r 2 40 s r 2 5 0 - s r 2 60 0 0.5 1.0 25 50 75 100 125 150 i average forward current (a) o, t , lead temperature ( c ) fig. 1 forward current derating curve l 1.5 2.0 2.5 3.0 s r 2 8 0 - s r 2 10 0 s r 2 2 0 - s r 2 40 s r 2 5 0 - s r 2 10 0
sr220 ? sr2100 3 of 4 ? 2006 won-top electronics marking information taping specifications packaging information packaging reel diameter / box size (mm) quantity (pcs) carton size (mm) quantity (pcs) approx. gross weight (kg) tape & reel 330 4,000 370 x 370 x 420 20,000 12.0 tape & box 255 x 75 x 150 3,000 400 x 273 x 415 30,000 15.0 bulk 200 x 85 x 25 1,000 459 x 214 x 256 40,000 17.5 note: 1. paper reel, white or gray color. core material: plastic or metal. 2. components are packed in accordance with eia standard rs-296-e. tape & reel sr2x0 wte 0.8mm max 5mm 1.2mm max 0.8mm max 6mm 52.4mm cathode tape: red anode tape: white 330mm product id label inspection hole (both ends) 805mm tape & box 255mm product id label 150mm 75mm bulk 200mm 85mm 25mm cathode = polarity band sr2x0 = device number x = 2, 3, 4, 5, 6, 8 or 10 wte = manufacturer?s logo
sr220 ? sr2100 4 of 4 ? 2006 won-top electronics ordering information product no. package type shipping quantity sr220-t3 do-15 4000/tape & reel sr220-tb do-15 3000/tape & box sr220 do-15 1000 units/box sr230-t3 do-15 4000/tape & reel sr230-tb do-15 3000/tape & box sr230 do-15 1000 units/box sr240-t3 do-15 4000/tape & reel sr240-tb do-15 3000/tape & box sr240 do-15 1000 units/box sr250-t3 do-15 4000/tape & reel sr250-tb do-15 3000/tape & box sr250 do-15 1000 units/box sr260-t3 do-15 4000/tape & reel sr260-tb do-15 3000/tape & box sr260 do-15 1000 units/box sr280-t3 do-15 4000/tape & reel sr280-tb do-15 3000/tape & box sr280 do-15 1000 units/box SR2100-T3 do-15 4000/tape & reel sr2100-tb do-15 3000/tape & box sr2100 do-15 1000 units/box 1. products listed in bold are wte preferred devices. 2. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. 3. to order rohs / lead free version (with lead free finish), add ?-lf? suffix to part number above. for example, sr220-tb-lf . won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com


▲Up To Search▲   

 
Price & Availability of SR2100-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X